Part Number Hot Search : 
F9530 D446C VJ0603 PIP120 90858 74AC11SJ E224K SMCJ100A
Product Description
Full Text Search
 

To Download 2N2222A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
NPN SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/255 Devices 2N2221A 2N2221AL 2N2221AUA 2N2221AUB Qualified Level JAN JANTX JANTXV JANS JANHC
2N2222A 2N2222AL 2N2222AUA 2N2222AUB
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Total Power Dissipation @ TA = +250C 2N2221A, L; 2N2222A, L (1) 2N2221AUA; 2N2222AUA (2) 2N2221AUB; 2N2222AUB (1) Operating & Storage Junction Temperature Range
Symbol
VCEO VCBO VEBO IC PT Top, Tstg Symbol RJA
All Types
50 75 6.0 800 0.5 0.65 0.50 -65 to +200 Max. 325 210 325
Unit
Vdc Vdc Vdc mAdc W
TO-18* (TO-206AA)
2N2221A, 2N2222A
0
C
THERMAL CHARACTERISTICS
Characteristics Thermal Resistance, Junction-to-Ambient 2N2221A, L; 2N2222A, L 2N2221AUA; 2N2222AUA 2N2221AUB; 2N2222AUB 1) Derate linearly 3.08 mW/0C above TA > +37.50C 2) Derate linearly 4.76 mW/0C above TA > +63.50C Unit
0
4 PIN*
2N2221AUA, 2N2222AUA
C/W
3 PIN*
2N2221AUB, 2N2222AUB
*See appendix A for package outline
ELECTRICAL CHARACTERISTICS (TA = 250C unless otherwise noted)
Characteristics Symbol V(BR)CEO ICBO Min. 50 10 10 10 10 50 Max. Unit Vdc Adc Adc Adc Adc Adc
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IC = 10 mAdc Collector-Base Cutoff Current VCB= 75 Vdc VCB= 60 Vdc Emitter-Base Cutoff Current VEB = 6.0 Vdc VEB = 4.0 Vdc Collector-Base Cutoff Current VCE = 50 Vdc
IEBO ICES
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N2221A, 2N2221AUA, 2N2221AUB, 2N2222A, 2N2222AUA, 2N2222AUB JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Symbol Min. Max. Unit
ON CHARACTERISTICS (3)
Forward-Current Transfer Ratio IC = 0.1 mAdc, VCE = 10 Vdc IC = 1.0 mAdc, VCE = 10 Vdc IC = 10 mAdc, VCE = 10 Vdc IC = 150 mAdc, VCE = 10 Vdc IC = 500 mAdc, VCE = 10 Vdc Collector-Emitter Saturation Voltage IC = 150 mAdc, IB = 15 mAdc IC = 500 mAdc, IB = 50 mAdc Base-Emitter Voltage IC = 150 mAdc, IB = 15 mAdc IC = 500 mAdc, IB = 50 mAdc 2N2221A, L, UA, UB 2N2222A, L, UA, UB 2N2221A, L, UA, UB 2N2222A, L, UA, UB 2N2221A, L, UA, UB 2N2222A, L, UA, UB 2N2221A, L, UA, UB 2N2222A, L, UA, UB 2N2221A, L, UA, UB 2N2222A, L, UA, UB 30 50 35 75 40 100 40 100 20 30
150 325
hFE
120 300
VCE(sat) 0.6
0.3 1.0 1.2 2.0
Vdc
VBE(sat)
Vdc
DYNAMIC CHARACTERISTICS
Small-Signal Short-Circuit Forward Current Transfer Ratio IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz 2N2221A, L, UA, UB 2N2222A, L, UA, UB Magnitude of Small-Signal Short-Circuit Forward Current Transfer Ratio IC = 20 mAdc, VCE = 20 Vdc, f = 100 MHz Output Capacitance VCB = 10 Vdc, IE = 0, 100 kHz f 1.0 MHz Input Capacitance VEB = 0.5 Vdc, IC = 0, 100 kHz f 1.0 MHz
h
fe
30 50 2.5 8.0 25 pF pF
hfe
Cobo Cibo
SWITCHING CHARACTERISTICS
Turn-On Time See Figure 8 of MIL-PRF-19500/255 Turn-Off Time See Figure 9 of MIL-PRF-19500/255 (3) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
t
on
35 300
s s
t
off
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 2N2222A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X